Part Number Hot Search : 
18600152 ENA1001 011DR CDLL976B 75000 L20PF AD6315LF HCF40163
Product Description
Full Text Search
 

To Download BAS40DW-06-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas40dw-05 marking: k45 bas40tw marking: k43 bas40dw-04 marking: k44 ds30156 rev. 7 - 2 1 of 3 bas40tw /dw-04 /dw-05 /dw-06 /brw www.diodes.com  diodes incorporated bas40tw /dw-04 /dw-05 / dw-06 /brw surface mount schottky barrier diode arrays features mechanical data  low forward voltage drop  fast switching  ultra-small surface mount package  pn junction guard ring for transient and esd protection  available in lead free/rohs compliant version (note 3) characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 v rms reverse voltage v r(rms) 28 v forward continuous current (note 1) i fm 200 ma non-repetitive peak forward surge current @ t < 1.0s i fsm 600 ma power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j , t stg -55 to +125 -65 to +125  c notes: 1. part mounted on fr-4 board with recommended pad layout, which can be found on our website at http://www.diode s.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. no purposefully added lead. a m j l d b c h k g f characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 40  v i r = 10  a forward voltage (note 2) v f  380 1000 mv mv i f = 1.0ma, t p < 300  s i f = 40ma, t p < 300  s reverse current (note 2) i r  200 na v r = 30v total capacitance c t  5.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  5.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified a 1 a 2 c 2 c 1 c 2 c 1 bas40dw-06 marking: k46 c 1 c 2 a 2 a 1 a 2 a 1 ac 1 ac 2 c 2 a 1 a 2 c 1 ac 1 ac 2 c 1 a 1 c 2 a 2 c 1 a 3 c 2 a 1 c 3 a 2 t c u d o r p w e n sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0  8 all dimensions in mm @ t a = 25  c unless otherwise specified top view  case: sot-363  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 5, on page 3  polarity: see diagrams below  weight: 0.006 grams (approx.)  marking: see diagrams below & page 3 bas40brw marking: k47 maximum ratings
ds30156 rev. 7 - 2 2 of 3 bas40tw /dw-04 /dw-05 /dw-06 /brw www.diodes.com t c u d o r p w e n 0 100 200 t , ambient temperature (oc) a fi g . 4 power deratin g curve, total packa g e p , power dissipation (mw) d 0 50 100 150 200 2 5 0 0 1 3 2 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f = 1.0mhz 0.1 1 10 100 1000 10000 0 10 20 30 40 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics i , instantane o us reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t=0oc a 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 1 typical forward voltage t = -40oc a t = 125oc a t = 75oc a t = 25oc a t=0oc a
ds30156 rev. 7 - 2 3 of 3 bas40tw /dw-04 /dw-05 /dw-06 /brw www.diodes.com kxx ym ordering information (note 4) device packaging shipping bas40tw-7 sot-363 3000/tape & reel bas40dw-04-7 sot-363 3000/tape & reel bas40dw-05-7 sot-363 3000/tape & reel BAS40DW-06-7 sot-363 3000/tape & reel bas40brw-7 sot-363 3000/tape & reel notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. exampl e: bas40brw-7-f. marking information kxx = product type marking code (see page 1) for assymetrical configuration, orientation indicator as shown ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd t c u d o r p w e n year 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code lm n p r s tuv w kxx ym kxx ym kxx = product type marking code (see page 1) for symmetrical configuration, no orientation indicator ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september


▲Up To Search▲   

 
Price & Availability of BAS40DW-06-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X